Part Number Hot Search : 
PE4995 MMSZ52 N4737 13VUQ GHP7005S 3S15E IT506 1N410
Product Description
Full Text Search
 

To Download FESF8JT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
FESF8AT THRU FESF8JT
FAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage - 50 to 600 Volts
ITO-220AC
Forward Current - 8.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated chip junction Low leakage, high voltage High surge current capability Superfast recovery time, for high efficiency High temperature soldering guaranteed: 250C, 0.25" (6.35mm) from case for 10 seconds
0.405 (10.27) 0.383 (9.72)
0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.140 (3.56) DIA. 0.130 (3.30) 0.131 (3.39) DIA. 0.122 (3.08)
0.600 (15.5) 0.580 (14.5) 0.670 (17.2) 0.646 (16.4)
2
0.350 (8.89) 0.330 (8.38)
PIN 1
0.191 (4.85) 0.171 (4.35) 0.560 (14.22) 0.530 (13.46) 0.060 (1.52) 0.110 (2.80) 0.100 (2.54)
MECHANICAL DATA
Case: JEDEC ITO-220AC fully overmolded plastic body over passivated chip Terminals: Plated lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Weight: 0.064 ounce, 1.81 grams Mounting Torque: 5 in. - lbs. max.
0.037 (0.94) 0.027 (0.69) 0.205 (5.20) 0.195 (4.95)
PIN 1 PIN 2
0.022 (0.55) 0.014 (0.36)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
FESF 8AT
FESF 8BT
FESF 8CT
FESF 8DT
FESF 8FT
FESF 8GT
FESF 8HT
FESF 8JT UNITS
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=100C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 8.0A Maximum DC reverse current at rated DC blocking voltage TC=25C at TC=100C
VRRM VRMS VDC I(AV)
50 35 50
100 70 100
150 105 150
200 140 200 8.0
300 210 300
400 280 400
500 350 500
600 Volts 420 Volts 600 Volts Amps
IFSM VF IR trr CJ RJC TJ, TSTG 35.0 0.95
125.0 1.3 10.0 500.0 50.0 85.0 5.0 -65 to +150 60.0 1.5
Amps Volts A ns pF C/W C
Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating junction and storage temperature range
NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to case mounted on heatsink
4/98
RATINGS AND CHARACTERISTIC CURVES FESF8AT THRU FESF8JT
FIG. 1 - MAXIMUM FORWARD CURRENT DERATING CURVES FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
10
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
HEATSINK, CASE TEMPERATURE, TC
150
PEAK FORWARD SURGE CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD
8.0
125 100 75 50 25 0 1
TC=100C 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
6.0
4.0
FREE AIR, AMBIENT, TEMPERATURE TA
2.0
0
0
50
100
150
10
NUMBER OF CYCLES AT 60 HZ
100
AMBIENT TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS
40
INSTANTANEOUS FORWARD CURRENT, AMPERES
100
TJ=125C
10
TJ=25C
INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
10
25 TJ=1 C
1.0
50 - 200V 300 - 400V 500 - 600V PULSE WIDTH=300s 1% DUTY CYCLE
1
TJ=
100
C
0.1 0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.1
TJ=
25
C
50-400V 500-600V
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
0.01
1,000
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHz Vsig=50mVp-p
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
100
50 - 400V 500 - 600V
10 0.1
1
10
100
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of FESF8JT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X